Part Number Hot Search : 
LXD975A 5K4164AL CD5373B MATCHED A3935KLQ 24012 09629821 KFX863
Product Description
Full Text Search
 

To Download H0005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10/100 PC CARD LAN MAGNETICS SOLUTIONS
Half port and single port designs for maximum layout flexibility Low profile packages from .094" (2,39 mm) to .078" (1,98 mm) for PC Card and Cardbus applications Compatible with Intel, TDK, QSI, and ICS transceivers
Electrical Specifications @ 25C -- Operating Temperature 0C to 70C
Part Number Turns Ratio (5%) Insertion Loss 100 kHz-100 MHz (dB MAX) Return Loss (dB MIN) 30 MHz -18 -18 -18 -12 -16 -16 -17 -16 -18 -16 -18 -18 -18 60 MHz -13 -12 -13 -10 -12 -12 -12 -12 -12 -12 -14 -12 -12 80 MHz -11 -10 -11 -30 -11 -11 -10 -11 -11 -12 -12 -12 -12 Differential to Common Mode Rejection (dB MIN) 30 MHz 50 MHz 100 MHz -40 -35 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -15 -18 -20 -35 -33 -20 -30 -30 -30 -35 -33 -20 -40 -- -30 -42 -- -33 -40 -35 -30 -40 -35 -30 -40 -35 -30 Crosstalk (dB MIN) 30 MHz -40 -40 -40 -- -40 -50 -40 -50 -45 -45 -50 -45 -45 62 MHz -40 -40 -35 -- -40 -45 -35 -45 -45 -40 -45 -45 -45 100 MHz -35 -35 -30 -- -35 -40 -30 -40 -37 -35 -40 -37 -37 Hipot (Vrms MIN) 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500
Transmit Receive PE-69012 1:1 1:1 -1.3 H0001 2:1 1:1 -2.0 H0002 1:1 1:1 -1.3 H0005 1:1* 1.1* -17 H0007 1:1 1:1 -1.3 H0009 1:1 1:1 -0.9 H0010 2:1 1:1 -1.1 H0013 1:1 1:1 -0.9 H0019 1:1 1:1 -0.9 H0020 1:1 1:1 -1.0 H0022 1:1 1:1 -2.0 H0025 1:1 1:1 -2.0 H0026 1:1 1:1 -1.5 *H0005 can be used for transmit or receive channels.
Mechanicals
PE-69012, H0001
.600 15,24 .010 X .020 0,25 X 0,51 12X .030 0,76
H0002
.080 TYP 2,03
.600 MAX 15,24
.585 .705 14,86 17,91 .525 .685 13,34 17,40 MAX
Date Code Country of Origin
DATE CODE COUNTRY OF ORIGIN
.650 .800 MAX 16,51 20,32
.820 20,83
.450 11,43 .050 1,27
.100 2,54 .094 MAX 2,39
.030 TYP 0,76 .075 1,91 9X .050 2,27
.800 MAX 20,32 .004/0,10 12 Surfaces .040 1,02
.450 15,24 .084 MAX 2,13
0 8 12 X
0 8 .004/0,10 12 Surfaces 12X .040 1,02
Weight . . . . . . . .1.3 grams Tape & Reel . . . . . .600/reel Tube . . . . . . . . . . . .25/tube
Dimensions:
Inches .010 mm Unless otherwise specified, all tolerances are 0,25
Weight . . . . . . . .1.2 grams Tape & Reel . . . . . .900/reel Tube . . . . . . . . . . . 35/tube
US 619 674 8100 * UK 44 1483 401 700 * France 33 3 84 35 04 04 * Singapore 65 287 8998 * Taiwan 886 2 2698 0228 * Hong Kong 852 2788 6588 * http://www.pulseeng.com
1
H304.B (12/02)
10/100 PC CARD LAN MAGNETICS SOLUTIONS
Mechanicals
H0005, H0013, H0019*
*The H0019 has a Max height of .084" (0,22 mm)
.500 MAX 12,70
H0007, H0009, H0010
.350 8,89 .060 1,52
.560 14,22
.350 8,89
.055 1,40
DATE CODE COUNTRY OF ORIGIN
.280 .380 MAX MAX 7,11 9,65
.290 .410 7,37 10,41 .030 0,76
COUNTRY OF ORIGIN
.590 14,99 .560 .670 14,22 17,01
DATE CODE
.350 TYP 8,89 .078 MAX 1,98 .020 16X 0,51 .050 7X 1,27 .010 0,25
16X
.050 1,27 16 X 0 8 16X .035 0,89
.047 1,19
.030 0,76 .050 1,27 .082 MAX 2,08 .005/0,13 16 SURFACES
.050 TYP 1,27
0 8 16X.030 0,76
*
.004/0,10 16 Surfaces
.003 0,08
Weight . . . . . . . . ..3 grams Tape & Reel . . . . .2000/reel Tube . . . . . . . . . . . .40/tube .150 3,81
Weight . . . . . . . .1.3 grams Tape & Reel . . . . . .900/reel Tube . . . . . . . . . . . .25/tube
H0020
.500 12,70 .350 8,89
H0022, H0025
.465 11,81 .150 3,81 .340 . 450 8,63 11,43 .020 0,51 .050 4X 1,27 12X .030 0,76
.150 3,81
.410 .525 10,41 13,34
.400 .495 10,16 12,57
DATE CODE COUNTRY OF ORIGIN
H0020
.050 8X 1,27
.077 MAX 1,96
12X .020 0,51
.350 8,89
.050 8X 1,27 .030 12X 0,76
DATE CODE COUNTRY OF ORIGIN
H0022/25
.360 .475 9,14 12,07 4X .050 1,27 .350 8,89
12X .350 8,89 .085 MAX 2,16
12X 0 8
.010 0,25
12X 0 8 .010 0,25 .004/0,10 12 SURFACES 12X .040 1,02 Weight . . . . . . .355 grams Tape & Reel . . . . .1000/reel Tube . . . . . . . . . . . .40/tube
.004/0,10 12 SURFACES
12X .040 1,02 Weight . . . . . . . . .4 grams Tape & Reel . . . . . .500/reel Tube . . . . . . . . . . . .40/tube
H0026
.495 12,57 .285 .410 7,24 10,41
.340 .385 8,64 9,78 .030 0,76
.050 1,27 .400 10,16 .010 0,25 .085 /.088 2,16 /2,24
12 X .020 0,51 .100 2,54
.100 2,54 .400 10,16
.050 1,27
12 X 0 8 .004/0,10 12 SURFACES 12 X .040 1,02
Weight . . . . . . .400 grams Tape & Reel . . . . .2000/reel Tube . . . . . . . . . . . .40/tube
Dimensions: Inches mm Unless otherwise specified, all tolerances are .010 0,25
US 619 674 8100 * UK 44 1483 401 700 * France 33 3 84 35 04 04 * Singapore 65 287 8998 * Taiwan 886 2 2698 0228 * Hong Kong 852 2788 6588 * http://www.pulseeng.com
H304.B (12/02)
2
10/100 PC CARD LAN MAGNETICS SOLUTIONS
Schematics
PE-69012, H0001
RECEIVE RD+ 2 CT 1 14 12 RXTRANSMIT TD+ 5 CT 7 8 9 TX10 TX+ 13 RX+
H0002
TRANSMIT
TD+ 1 CT 4 TD- 2 1:1
RECEIVE
20 TX+ 17 19 TX-
RD- 3
RD+ 9 7 RD-10 1:1
12 RX+ 14 CT 11 RX-
TD- 6
NOTE: Transmit and receive channels are interchangeable on the PE-69012.
H0005
H0007, H0009, H0013, H0019, H0025
RECEIVE RD+ 1 1:1 16 RX+
H0010
TRANSMIT
TD+ 1 CT 2
16 TX+ 15 CT 14 TXRECEIVE
16 15 1 1:1
1:1:1
9 10 8 6
RD- 2 3 CT TRANSMIT 6 CT TD+ 7
15 RX14 CT
TD- 3 1.414:1 RD+ 6 CT 7 RD- 8 1:1
11 CT 10 TX+
11 RX+ 10 CT 9 RX-
TD- 8
1:1
9 TX-
H0020
TRANSMIT
TD+ 1 TCT 3 TD- 2 14 TXT 16 TX+
H0022, H0026
RECEIVE
RD+ 1 RCT3 15 TXRD- 2 16 RX+ 14 RCT
1:1 RECEIVE
1:1 TRANSMIT
15 RX-
RD+ 7 RCT 6 RD- 8
10 RX+ 11 RXT
TD+ 7 TCT 6 TD- 8
10 TX+ 11 TCT
1:1
9 RX-
1:1
9 TX-
NOTE: The H0026 is IEEE 802.3 compliant.
US 619 674 8100 * UK 44 1483 401 700 * France 33 3 84 35 04 04 * Singapore 65 287 8998 * Taiwan 886 2 2698 0228 * Hong Kong 852 2788 6588 * http://www.pulseeng.com
3
H304.B (12/02)
10/100 PC CARD LAN MAGNETICS SOLUTIONS
Application Notes
The Pulse 10/100 PC Card modules provide isolation, impedance matching and noise attenuation in very low profile surface mount packages. This series provides various transmit turns ratios designed for use with the IC physical layer solutions offered by TDK, ICS, QSI and others. Electrical Functions
Application Circuits
.01 mF
H0001
CT 1 14 CT 13 RX+
LAN I/O Connector
A1 A2
Data integrity - The low profile magnetics modules are 100% tested to provide high reliable connectivity. Equipment isolation - Each module is designed and 100% tested to provide 1500 Vrms minimum isolation per IEEE 802.3 requirements. EMI suppression - High impedance common mode chokes attenuate signal harmonics which may contribute to radiated and conducted emissions. Transformer center-taps, when grounded, provide noise-shunting paths. The H0022 provides a shunt inductor on the transmit channel for additional noise suppression. Please note the recommended values and ratings of the bypass capacitors shown in the application circuit.
Mechanical Attributes
QSI 66II 10/100Base-TX Ethernet Transceiver
RX+
RD+ 2
RX-
RD- 3
12 RX-
TX+
TD+ 5
10 TX+
A15 TXTD- 6 CT 7 9 TX8 CT .1 mF 2 KV .01 mF A14
Chassis Ground
TDK TSC78Q2120 10/100Base-TX Ethernet Transceiver
Design Flexibility - The H0005 is a half port design that offers additional flexibility in PCB layout. H0010 and H0013 are complete 10/100 single port solutions, offering the smallest over all board usage. Each device has a .078" (1,98 mm) maximum height package for use in the most height-restrictive applications. The H0022 maximum height is .085" (2,16 mm) to facilitate additional EMI performance with minimal sacrifice in footprint dimensions. The H0026 provides the industry's smallest IEEE compliant, five core design.
Process and Quality Standards
H0009
LAN I/O Connector
RXIP
RD+ 1
16 RX+
A15
RXIN
RD- 2 CT 3 .01 F RX
15 RX14 CT 11 CT 10 TX+
A14
Process Integrity - The PE-69012, H0001 and H0002 offer IC-grade transfer molded packages and the H0005 through H0013 offer a bottom fill, leaded header type design. Both designs are suitable for high temperature IR reflow operations with peak temperature profiles up to 235C. Reliable Solder Connections - Compliant lead design provides a flexible lead resulting in excellent solder-joint reliability with .004" (0,10 mm) coplanarity. All leads are solder-plated after final assembly to adhere to MIL-STD-202 (method 208) for solderability.
Note: All modules are packaged in tubes, unless Tape & Reel is specified. Please add the suffix "T" such as H0009T for Tape & Reel orders.
TXOP
CT 6 TD+ 7
A1
TXON
TD- 8 TX
9 TX-
A2
.01 F
.1 F 2 KV
Chassis Ground
For More Information :
UNITED STATES (Worldwide)
12220 World Trade Drive San Diego, CA 92128 U.S.A. http://www.pulseeng.com TEL: 619 674 8100 FAX: 619 674 8262
UNITED KINGDOM (Northern Europe)
1 & 2 Huxley Road The Surrey Research Park Guildford, Surrey GU2 5RE United Kingdom TEL: 44 1483 401700 FAX: 44 1483 401701
FRANCE (Southern Europe)
Zone Industrielle F-39270 Orgelet France TEL: 33 3 84 35 04 04 FAX: 33 3 84 25 46 41
SINGAPORE (Southern Asia)
150 Kampong Ampat #07-01/02 KA Centre Singapore 368324 TEL: 65 287 8998 FAX: 65 280 0080
TAIWAN, R.O.C. (Northern Asia)
3F-4, No. 81, Sec. 1 HsinTai Wu Road Hsi-Chih, Taipei Hsien Taiwan, R.O.C. Tel: 886 2 2698 0228 FAX: 886 2 2698 0948
HONG KONG (China/Hong Kong)
DISTRIBUTOR
19/F, China United Plaza 1008 Tai Nan West Street Cheung Sha Wan, Kowloon Hong Kong, China TEL: 852 2788 6588 FAX: 852 2776 1055
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be trademarks or registered trademarks of their respective owners. Printed on recycled paper. (c)2002, all rights reserved. Pulse Engineering, Inc.
4
H304.B (12/02)


▲Up To Search▲   

 
Price & Availability of H0005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X